PART |
Description |
Maker |
KC2AFTTD700N8N50L KC1JTTD680P12NL KC2ATTE180N13NL |
three-terminal inductor/capacitor
|
KOA Speer Electronics, Inc.
|
0526035410M 0526050310M 0290016422MH10-R 052601042 |
CAPACITOR 100UF 35V CAPACITOR 10UF 50V CAPACITOR 220UF 16V CAPACITOR 220UF 10V CAPACITOR 330UF 10V 10V的电330UF CAPACITOR 47UF 35V 电容47UF 35V
|
Sanyo Electric Co., Ltd. Atmel, Corp.
|
EZANCE101M EZASCE101M |
Chip 3-Terminal Capacitor Array
|
Panasonic Semiconductor
|
CG751T200V3C |
Reliable Screw Terminal Aluminum Electrolytic Capacitor
|
Cornell Dubilier
|
M12S22W30 125565-10 125565-11 125309-01 125565-01 |
Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware
|
Cornell Dubilier Electronics
|
IDT74FCT825BTSOB IDT74FCT825BTSO IDT74FCT825BTQB I |
Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:60V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:125V; Package/Case:A; Terminal Type:Axial Leaded; ESR:14ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Tantalum Electrolytic Capacitor; Capacitance:0.33uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:50V; Package/Case:A; Terminal Type:Axial Leaded; ESR:15ohm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes CAP 0.82UF 50V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.1UF 50V 10% X7R SMD-1805 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|
MH32S72DBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:8800uF
|
Mitsubishi Electric Corporation
|
CG213U016U3C CG3250T400V4C CG502U050U3C CG501U150R |
Reliable Screw Terminal Aluminum Electrolytic Capacitor
|
Cornell Dubilier Electr...
|
11-11-0320 69008-0972 63600-0479 63819-4870 63819- |
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
|
Molex Electronics Ltd.
|
TVX2A2R2MAA TVX2A470MAA TVX2A100MAA TVX2W470MDA TV |
CAPACITOR 2.2UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 100V Inhalt pro Packung: 200 Stk. CAPACITOR 10UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 450V Inhalt pro Packung: 25 Stk. CAPACITOR 47UF 350V Inhalt pro Packung: 50 Stk. CAPACITOR 33UF 450V Inhalt pro Packung: 50 Stk. 电容33UF 450V Inhalt亲Packung50沙头角 CAPACITOR 22UF 63V Inhalt pro Packung: 500 Stk. 电容22UF 63V Inhalt亲Packung00沙头角 CAPACITOR 220UF 25V Inhalt pro Packung: 200 Stk. 电容220UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 2200UF 25V Inhalt pro Packung: 100 Stk. 电容2200UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 220UF 35V Inhalt pro Packung: 200 Stk. 电容220UF 35V的Inhalt亲Packung200沙头角
|
LELON ELECTRONICS, CORP. Nichicon, Corp.
|